PART |
Description |
Maker |
MTU8B56E MTU8B56EN MTU8B56EP MTU8B57EN MTU8B54EN M |
EPROM-Based 8-Bit CMOS Microcontroller
|
List of Unclassifed Manufacturers http:// ETC[ETC]
|
PIC16C62X_03 |
EPROM-Based 8-Bit CMOS Microcontrollers
|
MICROCHIP[Microchip Technology]
|
NMC27C64 NMC27C64N200 NMC27C64Q150 NMC27C64NE200 |
65 /536-Bit (8192 x 8) CMOS EPROM IC-64K CMOS PROM 8K X 8 EEPROM 5V, 200 ns, PDIP28 65,536-Bit (8192 x 8) CMOS EPROM 64KBit (8192 x 8) CMOS EPROM [Life-time buy]
|
Fairchild Semiconductor, Corp.
|
PIC16C711 PIC16C711-04_JW PIC16C711-04_P PIC16C711 |
From old datasheet system EPROM-based microcontroller 8-Bit CMOS Microcontrollers with A/D Converter
|
MICROCHIP[Microchip Technology]
|
PIC16HV540-20I/JW PIC16HV540-04/JW PIC16HV540-20I/ |
Enhanced PIC16C54 EPROM-Based 8-Bit CMOS Microcontroller With On-Chip Voltage Regulator 增强PIC16C54的EPROM 8位CMOS微控制器,带有片上电压调节器
|
Microchip Technology, Inc. Microchip Technology Inc.
|
PIC16HV540-20I_JW PIC16HV540-20I_P PIC16HV540-20I_ |
Enhanced PIC16C54 EPROM-Based 8-Bit CMOS Microcontroller With On-Chip Voltage Regulator MICROCONTROLLER|8-BIT|PIC CPU|CMOS|SOP|18PIN|PLASTIC 单片机| 8位|知情同意的CPU |的CMOS |专科| 18PIN |塑料
|
Microchip Technology, Inc.
|
CY27C128-120WMB CY27C128-150JC CY27C128-150WC CY27 |
128K (16K x 8-Bit) CMOS EPROM 128K (16K x 8-Bit) CMOS EPROM 16K X 8 OTPROM, 120 ns, PDIP28 128K (16K x 8-Bit) CMOS EPROM 16K X 8 OTPROM, 120 ns, PQCC32 128K (16K x 8-Bit) CMOS EPROM 16K X 8 OTPROM, 45 ns, PDIP28 128K (16K x 8-Bit) CMOS EPROM 16K X 8 OTPROM, 150 ns, PDIP28 128K (16K x 8-Bit) CMOS EPROM 16K X 8 UVPROM, 200 ns, CDIP28
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
HN27C256G HN27C256G-17 HN27C256G-25 HN27C256G-20 |
256K (32K x 8-bit) UV EPROM, 200ns 256K (32K x 8-bit) UV EPROM, 250ns 32768-WORD x 8-BIT CMOS UV ERASABLE AND PROGRAMMABLE ROM 256K (32K x 8-bit) UV EPROM, 170ns
|
Hitachi Semiconductor
|
MDT10P73 |
This EPROM-Based 8-bit micro-controller uses a fully static CMOS technology process to achieve higher speed and smaller size with the low power consum
|
List of Unclassifed Manufacturers
|
MX27C1000A MX27C1000AMC-10 MX27C1000AMC-12 MX27C10 |
1M-BIT [128K x 8] CMOS EPROM 128K X 8 OTPROM, 90 ns, PQCC32 1M-BIT [128K x 8] CMOS EPROM 128K X 8 OTPROM, 90 ns, PDIP32 Single Output LDO, 3.0A, Fixed(1.5V), Fast Transient Response, Low Quiescent Current 5-DDPAK/TO-263 -40 to 125
|
Macronix International Co., Ltd. MCNIX[Macronix International]
|
VG509A |
EPROM-Based 8-bit micro-controller
|
List of Unclassifed Manufacturers ETC[ETC]
|